Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L60CT
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L60CT Datasheet HTML 1Page - STMicroelectronics STPS20L60CT Datasheet HTML 2Page - STMicroelectronics STPS20L60CT Datasheet HTML 3Page - STMicroelectronics STPS20L60CT Datasheet HTML 4Page - STMicroelectronics STPS20L60CT Datasheet HTML 5Page - STMicroelectronics STPS20L60CT Datasheet HTML 6Page - STMicroelectronics STPS20L60CT Datasheet HTML 7Page - STMicroelectronics STPS20L60CT Datasheet HTML 8Page - STMicroelectronics STPS20L60CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID6427 Rev 4
3/10
STPS20L60C
Characteristics
10
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average current versus ambient
temperature (= 0.5) (per diode)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
PF(av)(W)
IF(av) (A)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
25
50
75
100
125
150
0
2
4
6
8
10
12
IF(av)(A)
T
δ=tp/T
tp
Tamb(°C)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Figure 3. Normalized avalanche power derating
versus pulse duration
Figure 4. Normalized avalanche power derating
versus junction temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5. Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode)
Figure 6. Relative variation of thermal transient
impedance junction to case versus pulse
duration
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
IM(A)
t(s)
IM
t
δ=0.5
Tc=25°C
Tc=75°C
Tc=100°C
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
tp(s)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com