Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60CT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20L60CT
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60CT Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20L60CT Datasheet HTML 1Page - STMicroelectronics STPS20L60CT Datasheet HTML 2Page - STMicroelectronics STPS20L60CT Datasheet HTML 3Page - STMicroelectronics STPS20L60CT Datasheet HTML 4Page - STMicroelectronics STPS20L60CT Datasheet HTML 5Page - STMicroelectronics STPS20L60CT Datasheet HTML 6Page - STMicroelectronics STPS20L60CT Datasheet HTML 7Page - STMicroelectronics STPS20L60CT Datasheet HTML 8Page - STMicroelectronics STPS20L60CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID6427 Rev 4
5/10
STPS20L60C
Package information
10
2
Package information
Epoxy meets UL94,V0
Cooling method: conduction
Recommended torque value: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5. TO-220AB narrow leads dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.034
b1
0.95
1.20
0.037
0.047
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27
0.05
E
10.00
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.095
0.107
L
13.00
14.00
0.51
0.55
L1
2.60
2.90
0.102
0.114
L20
15.40
0.61
L30
28.90
1.14
P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
E
P
Q
L30
L20
L1
b1(x3)
b (x3)
e
L
e1
1
23
F
D
D1
H1
A
J1
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com