Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60CTN Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20L60CTN
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60CTN Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20L60CTN Datasheet HTML 1Page - STMicroelectronics STPS20L60CTN Datasheet HTML 2Page - STMicroelectronics STPS20L60CTN Datasheet HTML 3Page - STMicroelectronics STPS20L60CTN Datasheet HTML 4Page - STMicroelectronics STPS20L60CTN Datasheet HTML 5Page - STMicroelectronics STPS20L60CTN Datasheet HTML 6Page - STMicroelectronics STPS20L60CTN Datasheet HTML 7Page - STMicroelectronics STPS20L60CTN Datasheet HTML 8Page - STMicroelectronics STPS20L60CTN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS20L60C
2/10
DocID6427 Rev 4
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.42 x IF(AV) + 0.014 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current
TC = 140 °C
= 0.5
Per diode
Per device
10
20
A
IFSM
Surge non repetitive forward current tp = 10 ms Sinusoidal
220
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F=1 kHz
1A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
5800
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
1.
thermal runaway condition for a diode on its own heatsink
150
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
Total
1.6
0.85
C/W
Rth (c)
Coupling
0.1
C/W
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,  < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
350
µA
Tj = 125 °C
65
95
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 10 A
0.6
V
Tj = 125 °C
IF = 10 A
0.48
0.56
Tj = 25 °C
IF = 20A
0.74
Tj = 125 °C
IF = 20A
0.62
0.7
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com