Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60CTN Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20L60CTN
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60CTN Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20L60CTN Datasheet HTML 1Page - STMicroelectronics STPS20L60CTN Datasheet HTML 2Page - STMicroelectronics STPS20L60CTN Datasheet HTML 3Page - STMicroelectronics STPS20L60CTN Datasheet HTML 4Page - STMicroelectronics STPS20L60CTN Datasheet HTML 5Page - STMicroelectronics STPS20L60CTN Datasheet HTML 6Page - STMicroelectronics STPS20L60CTN Datasheet HTML 7Page - STMicroelectronics STPS20L60CTN Datasheet HTML 8Page - STMicroelectronics STPS20L60CTN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS20L60C
4/10
DocID6427 Rev 4
Figure 9. Forward voltage drop versus forward current (maximum values, per diode)
Figure 7. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 8. Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
5
10 15 20 25 30 35 40 45 50 55 60
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
IR(mA)
VR(V)
Tc=25°C
Tc=75°C
Tc=100°C
Tc=125°C
Tc=150°C
Tc=50°C
1
10
100
0.1
0.2
0.5
1.0
2.0
C(nF)
VR(V)
F=1MHz
Tj=25°C
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
100.0
IFM(A)
VFM(V)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com