Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC05E Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC05E
Description  5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC05E Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC05E_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
294
EC05E 5mm Size Hollow Shaft Type
Dimensions
Unit:mm
Photo
Style
No.
2
3
Horizontal type
Vertical type
PC board mounting hole dimensions
(Viewed from mounting side)
$
$
B
A
F
B
A
$
B
A
$
B
A
取付穴寸法図(参考)
挿入側から見た図
斜線部は、はんだランドを示す
P.W.B.Mounting detail (Reference)
Viewed from mounting side
Hatched area shows soldering land
2-1.25
8.5
4
7
3-1
2 holes
R0.15 max.
F
B
CA Terminal No.
3
1.7
1.7
5.9
4.0
2.4
3-1.5
Hole
AC
B
Terminal No.
2-R0.5
4-R0.3
max.
取付穴寸法図(参考)
挿入側から見た図
斜線部は、はんだランドを示す
P.W.B.Mounting detail (Reference)
Viewed from mounting side
Hatched area shows soldering land
Output Wave
Sliding Noise
V1=V2=2.5V max.
At R = 10k Ω
Chattering : 6ms max. Bounce : 6ms max.
A signal
B signal
ON
ON
OFF
OFF
Detent position
CW direction
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
Shaded areas are solder lands.
Shaded areas are solder lands.
*Signal A and signal B output at detent
positions cannot be specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com