Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC05E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC05E
Description  5mm Size Hollow Shaft Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC05E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC05E_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC05E_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
293
Compact type employing Alps' DRUMCODE™ technology
5mm Size Hollow Shaft Type
EC05E
Product Line
Horizontal
Vertical
12
12
1.6±1.3
4.5
EC05E1220202
EC05E1220203
EC05E1220401
1
2
3
Product No.
Drawing
No.
4,000
8,000
8,000
16,000
Minimum order unit(pcs.)
Japan
Export
Number of detent Number of pulse
Mount height
(mm)
Operating
direction
Detent torque
(mN・m)
Typical Specifications
Items
Specifications
Rating
0.55mA 5V DC
Operating life
100,000 cycles
Operating temperature range
−30℃ to +85℃
Dimensions
Unit:mm
Photo
Style
No.
Horizontal type
1
PC board mounting hole dimensions
(Viewed from mounting side)
F
$
$
B
A
B
A
取付穴寸法図(参考)
挿入側から見た図
斜線部は、はんだランドを示す
P.W.B.Mounting detail (Reference)
Viewed from mounting side
Hatched area shows soldering land
2-1.25
8.5
4
7
3-1
2 holes
R0.15 max.
F
B
CA
Terminal No.
Shaded areas are solder lands.
Unit:mm
Reel size
Packing specifications
Taping
Operating direction
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
Horizontal
1,000
4,000
8,000
16
410×485×246
Vertical
2,000
8,000
16,000
Refer to P.307 for soldering conditions.


Similar Part No. - EC05E_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC05E1220202 ETC-EC05E1220202 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ALPINE CO., LTD.
EC05E1220202 ALPSALPINE-EC05E1220202 Datasheet
445Kb / 4P
Encoder 5mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
EC05E1220203 ETC-EC05E1220203 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ALPINE CO., LTD.
EC05E1220203 ALPSALPINE-EC05E1220203 Datasheet
445Kb / 4P
Encoder 5mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
EC05E1220401 ETC-EC05E1220401 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC05E_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2358691-1 TEC-2358691-1 Datasheet
189Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
2367237-1 TEC-2367237-1 Datasheet
138Kb / 2P
HOLLOW SHAFT RESOLVER
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com