Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BALF-NRF01D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BALF-NRF01D3
Description  50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-NRF01D3 Datasheet(HTML) 1 Page - STMicroelectronics

  BALF-NRF01D3 Datasheet HTML 1Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 2Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 3Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 4Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 5Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 6Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 7Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 8Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
June 2014
DocID026031 Rev 2
1/11
11
BALF-NRF01D3
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0
/QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
Datasheet
− production data
Features
• Low insertion loss
• Low amplitude imbalance
• Low phase imbalance
• Coated Flip-Chip on Glass
• Small footprint: < 1.5 mm2
Benefits
• Very low profile: < 560 µm after reflow
• High RF performance
• PCB space saving versus discrete solution
• BOM count reduction
• Efficient manufacturability
Applications
• 2.45 GHz balun with integrated matching
network
• Matching optimized for following chipsets:
nRF51822-QFAAG0/GC/FA, nRF51822-
QFABB0 and nRF51422-QFAAE0
Description
STMicroelectronics BALF-NRF01D3 is an
ultraminiature balun. The BALF-NRF01D3
integrates matching network in a monolithic glass
substrate. Matching impedance has been
customized for the nRF51822-QFAAG0/GC/FA,
nRF51822-QFABB0 and nRF51422-QFAAE0 RF
transceivers.
The BALF-NRF01D3 uses STMicroelectronics
IPD technology on non-conductive glass
substrate which optimize RF performances.
Figure 1. Pinout diagram (top view)
Lead-free Flip-Chip package
5 bumps
SE
DIFF
DIFF
VCC
GND
A
B
C
1
2
3
www.st.com


Similar Part No. - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
Low amplitude imbalance
28-Nov-2014
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
More results

Similar Description - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
23-Sep-2015
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
04-Jul-2016
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
23-Jun-2017
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
12-Jul-2018
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com