Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BALF-NRF01D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BALF-NRF01D3
Description  50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-NRF01D3 Datasheet(HTML) 3 Page - STMicroelectronics

  BALF-NRF01D3 Datasheet HTML 1Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 2Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 3Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 4Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 5Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 6Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 7Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 8Page - STMicroelectronics BALF-NRF01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID026031 Rev 2
3/11
BALF-NRF01D3
Characteristics
1.1
Simulations results (T
amb = 25 °C)
Figure 2. Insertion loss in band
Figure 3. Differential transmission
F (GHz)
-1.00
-1.05
-1.10
-1.15
-1.20
-1.25
-1.30
-1.35
-1.40
-1.45
-1.50
2.40
2.44
2.54
2.42
2.46
2.50
2.48
2.52
dB
-50
01
2
3
4
5
6
78
-0
-10
-20
-30
-40
dB
F (GHz)
Figure 4. Return loss on SE port
Figure 5. Amplitude imbalance
F (GHz)
-17.0
-17.5
-18.0
-18.5
-18.5
2.40
2.44
2.54
2.42
2.46
2.50
2.48
2.52
dB
2.40
2.44
2.54
2.42
2.46
2.50
2.48
2.52
dB
0.5
-0.1
-0.3
-0.2
-0.4
-0.5
0.3
0.1
0.0
0.4
0.2
F (GHz)
Figure 6. Phase imbalance
Figure 7. H2 attenuation
0
1
2
3
4
5
6
7
8
9
10
2.40
2.44
2.54
2.42
2.46
2.50
2.48
2.52
deg
F (GHz)
F (GHz)
-14.0
-14.5
-15.0
-16.5
-15.5
-17.0
-16.0
-17.5
4.80
4.90
5.10
4.85
4.95
5.00
5.05
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com