Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 73Page - STMicroelectronics L9779WD Datasheet HTML 74Page - STMicroelectronics L9779WD Datasheet HTML 75Page - STMicroelectronics L9779WD Datasheet HTML 76Page - STMicroelectronics L9779WD Datasheet HTML 77Page - STMicroelectronics L9779WD Datasheet HTML 78Page - STMicroelectronics L9779WD Datasheet HTML 79Page - STMicroelectronics L9779WD Datasheet HTML 80Page - STMicroelectronics L9779WD Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 170 page
background image
DocID027452 Rev 5
77/170
L9779WD
Functional description
169
Note:
The bit OUT21,25_EN_LB has priority over CPS_CONFx bit, this means that if one of
OUT21,25_EN_LB is set to 1 the OUT21…28 become independent power stages.
Two H-Bridge for stepper motor driving (no half-bridge arrangement is possible).
The over current threshold is the same as the single power stages.
When configured for stepper motor driving the motor movement is controlled through bit EN,
DIR and PWM (see Table 31).
In stepper motor configuration HS and LS power stages (OUT21...OUT28) can be used as
single power stages, and any of them can be connected in parallel to each other (same
type).
If the bit EN=1, the writing of bit PWM from 0 to 1 lead to the next step of the turn on
sequence. The writing of bit PWM to 0 left unchanged the MOS of the bridge that is ON. The
step is done only if the PWM bit goes from 0 to 1.
The order of the turn-on sequence is defined by the bit DIR.
The initial stepper position, after power-on, is the one with OUT21 and OUT24 ON in
Hbridge1 and with OUT26 and OUT27 ON in Hbridge2.
If configured as H-bridges the internal logic prohibits that the low-side and the high-side
switch of the same half-bridge will be switched on simultaneously.
In the below diagram the stepper motor operation is available.
Table 31. Configuration of the stepper motor
PWM
EN
DIR
H-bridge 1 Power on
H-bridge 2 Power on
X
0
X
None
None
11
1
OUT21, OUT24
OUT26, OUT27
1
1
1
OUT21, OUT24
OUT25, OUT28
1
1
1
OUT23, OUT22
OUT25, OUT28
1
1
1
OUT23, OUT22
OUT26, OUT27
11
0
OUT21, OUT24
OUT26, OUT27
1
1
0
OUT23, OUT22
OUT26, OUT27
1
1
0
OUT23, OUT22
OUT25,OUT28
1
1
0
OUT21, OUT24
OUT25,OUT28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com