Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 34Page - STMicroelectronics L9779WD Datasheet HTML 35Page - STMicroelectronics L9779WD Datasheet HTML 36Page - STMicroelectronics L9779WD Datasheet HTML 37Page - STMicroelectronics L9779WD Datasheet HTML 38Page - STMicroelectronics L9779WD Datasheet HTML 39Page - STMicroelectronics L9779WD Datasheet HTML 40Page - STMicroelectronics L9779WD Datasheet HTML 41Page - STMicroelectronics L9779WD Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 170 page
background image
Functional description
L9779WD
38/170
DocID027452 Rev 5
6.5
Thermal shut down
There are 4 temperature sensors:
OT1 for VTRK1,2
OT2 for OUT1...10, OUT13…20, OUT21…28, IGN1…4.
OT3 for MRD
OT4 for V3V3
When OT1 is higher than θjunction for tOT time VTRK1,2 are switched off if they are in current
limitation.
When OT1 is lower than θjunction - θHYSTERESISv for tOT time, the device should return to
normal operation automatically.
When OT2 is higher than θjunction for tOT time all the OUTx and IGNx are switched off.
When OT2 is lower than junction - θHYSTERESISv for tOT time, the device should return to
normal operation automatically.
When OT3 is higher than θjunction for tOT time the MRD is switched off.
When OT3 is lower than θjunction - θHYSTERESISv for tOT time, the device should return to
normal operation automatically.
When OT4 is higher than θjunction for tOT time the V3V3 is switched off if it is in current
limitation.
When OT4 is lower than θjunction - θHYSTERESISv for tOT time, the device should return to
normal operation automatically.
Thermal warning information from OT1,OT2,OT3,OT4 is latched and communicated by
MSC.
Thermal warning information is reset when it is read.
The latch behavior affects only flags bit, while drivers and supplies use the OTx just after the
filter to return to normal operation.
Table 12. Temperature information
Parameter
Value
Unit
junction
165 to 185
°C
HYSTERESIS
5-10
°C
tOT
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com