Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9779WD Datasheet(PDF) 111 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 111 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 107Page - STMicroelectronics L9779WD Datasheet HTML 108Page - STMicroelectronics L9779WD Datasheet HTML 109Page - STMicroelectronics L9779WD Datasheet HTML 110Page - STMicroelectronics L9779WD Datasheet HTML 111Page - STMicroelectronics L9779WD Datasheet HTML 112Page - STMicroelectronics L9779WD Datasheet HTML 113Page - STMicroelectronics L9779WD Datasheet HTML 114Page - STMicroelectronics L9779WD Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 170 page
background image
DocID027452 Rev 5
111/170
L9779WD
Functional description
169
6.17.2
Monitoring module - WDA Functionality
Figure 73.
WDA block diagram
Each time the watchdog error counter is EC>7 the AB1-counter AB1_CNT increases. When
this counter is AB1_CNT=7 and a further error occurs, the after-run will be terminated. The
AB1-counter is not cleared when EC<7. AB1-counter is cleared when EC<5 and
<WDA_INT>='0', and is reset by RST_UV.
The monitoring module works independently of the controller functionality. The monitoring
module generates various questions, which the controller must fetch and correctly respond
to within a defined time window. The monitoring module checks whether the response is
returned in a time window and if the response is fully correct.
The question is a 4-bit word. This 4-bit word can be fetched by the controller using a read
access to register REQULO. The monitoring module also calculates the expected correct
response, which is compared to the actual response from the controller.
The response is a 32-bit word consisting of the 4 bytes RESP_BYTE3, RESP_BYTE2,
RESP_BYTE1 and RESP_BYTE0. The 4 bytes are sent to the monitoring module via MSC
in the order RESP_BYTE3 - RESP_BYTE2 - RESP_BYTE1 - RESP_BYTE0 using four
times the command WR_RESP - once for each answer byte.
Watchdog counters are always counting from power up onwards.
The monitoring cycle phase is initialized by (the end of) writing of RESP_BYTE0 (least
significant response byte) or by a write access to the RESPTIME register. The cycle starts
with a variable wait time (response time, set by register RESPTIME), followed by a fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com