Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9959T Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9959T
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9959T Datasheet HTML 7Page - STMicroelectronics L9959T Datasheet HTML 8Page - STMicroelectronics L9959T Datasheet HTML 9Page - STMicroelectronics L9959T Datasheet HTML 10Page - STMicroelectronics L9959T Datasheet HTML 11Page - STMicroelectronics L9959T Datasheet HTML 12Page - STMicroelectronics L9959T Datasheet HTML 13Page - STMicroelectronics L9959T Datasheet HTML 14Page - STMicroelectronics L9959T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DocID023416 Rev 6
11/43
L9959S, L9959T
Electrical specifications
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stressing the device above the rating listed in the "Absolute
maximum ratings" table may cause permanent damage to the
device. These are stress ratings only and operation of the
device at these or any other conditions above those
indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to
the STMicroelectronics SURE program and other relevant
quality document.
3.2
ESD protection
Table 4. Absolute maximum ratings
Symbol
Parameter / Test condition
Value [DC Voltage]
Unit
VVS
DC supply voltage
-1.0 to +40
V
VVDD
Stabilized supply voltage, logic supply
-0.3 to 18
V
V3V3
3.3 V Controller output
-0.3 to 4.6
V
CF
Current feedback output
-0.3 to 5
V
VSI, VSCK, VSS, VSO,
VDIR, VPWM, VDIS
Logic input / output voltage range
-0.3 to 18
V
VOUTn
Output voltage (n=1,2 or 11,12,21,22);
VOUTn < VS + 1 V
-1.0 to 40
V
Dynamic pulse / t < 500ms;
VOUTn < VS + 2 V
-2.0 to 40
V
Tj
Operating junction temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 5. ESD protection
Parameter
Value
Unit
All pins versus ground group (AGND, PGND1, PGND2, GND_ABE1,
GND_ABE2)
±2(1)
1.
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114-A.
kV
Power Output Pins: OUT1, OUT2 or OUT11, OUT12, OUT21, OUT22 versus
ground group (AGND, PGND1, PGND2, GND_ABE1, GND_ABE2)
±4(2)
2.
HBM with all unzipped pins grounded.
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com