| Electronic Components Datasheet Search |
|
L9959T Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9959T Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 43 page ![]() Application information L9959S, L9959T 28/43 DocID023416 Rev 6 Lower threshold The under-voltage threshold can be increased to VTEST_THL using CONFIG1 and CONFIG2 in the STATCON register. Since the VDD voltage is below VTEST_THL, the resulting VDD- undervoltage resets STATUS0. After leaving the VDD-monitor test mode, the bits in the STACON register return to their normal state. 4.8 Power-on reset At power-on, while VDD increases, the internal registers are cleared and the outputs are set to tristate at the reset-active voltage VDDRES. Above the power-on reset threshold VDDPOR the device starts to operate after the time tPOR. If VDD drops below VDDPOR, the device enters its reset state, i.e. all internal registers are cleared and the outputs are set to tristate. Note: All voltages are nominal. Please refer to Section 3: Electrical specifications for their specified values. Table 22. Device states with respect to supply voltage VS [V] VDD [V] Functional state 28 – 40 0 – 18 No damage to the device, no functional behavior guaranteed 4.5 – 6.5 4.5 – 5.5 Device functional, Current Feedback accuracy reduced 6.5 – 28 4.5 – 5.5 Device functional 4.5 – 28 4.0 – 4.5 5.5 - 18 Device functional, but power-outputs tristate by VDD-monitor, /ABE pulled to low, SPI functional 0 – 4.5 4.5 – 28 VDDPOR – 4.5 Device in reset mode, SPI functional, power-outputs tristate, /ABE pulled to low 0 – 4.5 4.5 – 28 2.5 - VDDPOR Device in reset mode, SPI reset, power-outputs tristate, /ABE tristate 0 – 4.5 4.5 – 5.5 Device functional, outputs are tristate by VS- undervoltage 0 – 4.5 4.0 – 4.5 5.5 - 18 Device functional, outputs are tristate by VS- undervoltage and VDD-monitor, /ABE pulled to low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |