Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C64M-FCU Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24C64M-FCU
Description  64-Kbit serial IC bus EEPROM 4 balls CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64M-FCU Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C64M-FCU Datasheet HTML 19Page - STMicroelectronics M24C64M-FCU Datasheet HTML 20Page - STMicroelectronics M24C64M-FCU Datasheet HTML 21Page - STMicroelectronics M24C64M-FCU Datasheet HTML 22Page - STMicroelectronics M24C64M-FCU Datasheet HTML 23Page - STMicroelectronics M24C64M-FCU Datasheet HTML 24Page - STMicroelectronics M24C64M-FCU Datasheet HTML 25Page - STMicroelectronics M24C64M-FCU Datasheet HTML 26Page - STMicroelectronics M24C64M-FCU Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID028282 Rev 2
23/35
M24C64M-FCU
DC and AC parameters
34
Table 10. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle
endurance(1)
1. The Write cycle endurance is defined by characterization and qualification.
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write
cycles(2)
2. A Write cycle is executed when either a Page Write or a Byte write instruction is decoded
TA = 85°C, VCC(min) < VCC < VCC(max)
1.200.000
Table 11. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
1. The data retention behavior is checked in production, while the data retention limit defined in this table is
extracted from characterization and qualification results.
TA = 55 °C
200
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com