Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM11B Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EM11B
Description  11mm Size Metal Shaft Magnetic Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM11B Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EM11B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
281
Switch type
Momentary push switch
Contact arrangement
Single pole and single throw(Push-on)
Travel(mm)
0.5 +0.3
− 0.2
Operating force
5.5±3N
Operating life
1,000,000 times
Electrical
performance
Rating
5mA 5V DC (50mA 12V DC max. ratings)
Contact resistance
500mΩ max. for initial period, 5Ω max. after operating life.
Insulation resistance
100MΩ min. 100V DC
Voltage proof
250V AC for 1 minute or 300V AC for 2s
11mm Size Metal Shaft Magnetic Type/Switch Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com