Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM11B Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EM11B
Description  11mm Size Metal Shaft Magnetic Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EM11B Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EM11B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EM11B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
280
Vertical
16
10±5
With
1.3μsec.(typ)
16
15
1,000
1,000
EM11B16140A4
Product No.
Number of
detent
Number of
pulse
Actuator length
(mm)
Push-on
switch
Response time
Operating
direction
Detent torque
(mN・m)
Minimum order unit(pcs.)
Japan
Export
Compact 10.8 × 11mm (W×D) encoder with long life
of 1 million cycles
11mm Size Metal Shaft Magnetic Type
EM11B
■ Typical Specifications
Items
Items
Rating
5V±5% DC
Operating life
1,000,000 cycles
Operating temperature range
−30℃ to +85℃
Product Line
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,000
2,000
526×370×191
Packing Specifications
Tray
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Dimensions
Unit:mm
Block Diagram
1. This products uses a Hall IC. Be aware of ESD damages.
2. Custom design for shaft configuration and mount height are available upon request.
Notes
M9×0.75
7.5
5
0.5
Switch stroke
15
3.5
7
0.5
Parting line
10.8
Shaft flat is optional angel
VA
GA
A
B
GB
VB
61.875°
S1
S2
4.5
11
2-1.5
2.54
2.54
6-φ0.7
NEW
HALL
IC
B
S1
S2
GB VB
HALL
IC
A GA VA
VA, VB
Power supply
GA, GB
Ground
A, B
Output
・・・・
・・・・
・・・・・・・・・
Refer to P.281 for switches.
Refer to P.307 for soldering conditions.


Similar Part No. - EM11B

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EM11B ALPS-EM11B Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EM11B16140AE ETC-EM11B16140AE Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EM11B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
11mm Size Metal Shaft Long Life Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
EM20B ALPS-EM20B Datasheet
127Kb / 3P
20mm Size Metal Shaft Magnetic Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
11mm Size Insulated Shaft Snap-in Type
RK117 ALPS-RK117 Datasheet
277Kb / 5P
11mm Size Metal Shaft Low-profile Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com