Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX95HF Datasheet(PDF) 36 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 32Page - STMicroelectronics RX95HF Datasheet HTML 33Page - STMicroelectronics RX95HF Datasheet HTML 34Page - STMicroelectronics RX95HF Datasheet HTML 35Page - STMicroelectronics RX95HF Datasheet HTML 36Page - STMicroelectronics RX95HF Datasheet HTML 37Page - STMicroelectronics RX95HF Datasheet HTML 38Page - STMicroelectronics RX95HF Datasheet HTML 39Page - STMicroelectronics RX95HF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Part numbering
RX95HF
36/44
DocID023884 Rev 3
8
Part numbering
Not all combinations are necessarily available. For a list of available options (speed,
package, etc.) or for further information on any aspect of this device, please contact your
nearest STMicroelectronics Sales Office.
Table 39. Ordering information scheme
Example:
RX
95
HF
– V
MD
5
T
Device type
RX = NFC transceiver for Tag Emulation
Wired access
95 = SPI
Frequency band
HF = High frequency (13.56 MHz)
Operating voltage
V = 2.7 to 5.5 V
Package
MD = 32-pin VFQFPN (5 x 5 mm)
Operating temperature
5 = –25° to +85° C
Packaging
T = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com