Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX95HF Datasheet(PDF) 38 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 34Page - STMicroelectronics RX95HF Datasheet HTML 35Page - STMicroelectronics RX95HF Datasheet HTML 36Page - STMicroelectronics RX95HF Datasheet HTML 37Page - STMicroelectronics RX95HF Datasheet HTML 38Page - STMicroelectronics RX95HF Datasheet HTML 39Page - STMicroelectronics RX95HF Datasheet HTML 40Page - STMicroelectronics RX95HF Datasheet HTML 41Page - STMicroelectronics RX95HF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Card emulation communication
RX95HF
38/44
DocID023884 Rev 3
Table 40. Example logs
Comment
CR95HF Reader
Direc
-tion
RX95HF Card Emulation
Comment
Exchange: Host -> Reader
CR95
RX95
Exchange: Host -> Card Emulator
Set
Reader
Config.
ISO/IEC
14443
Type A at
106 Kbps
REM, DEMO RX95HF for Card
Emulation Exchange
REM, 0A
REM, Check serial com with host
>>> RX95HFDLL_ECHO
<<< 5500
>>> RX95HFDLL_IDN
<<<
000F4E4643204653324A41535434002
ACE
Check
RX95HF
connection
to Host
REM, POLLFIELD
>>> RX95HFDLL_STCMD, 01 0300
<<< 000100
No Field
detected
REM, Reader for Card Emulation Test
Max waiting time for manual exchange
REM, 0B
>>> CR95HFDLL_STCMD, 01
020402000A05
<<< 0000
REM, Select Emulation Tag Mode
14443A
>>> RX95HFDLL_STCMD, 01
02021208
<<< 0000
Set
RX95HF
config.
Card Emu-
lator
ISO/IEC
14443 Type
A at 106
Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com