Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRTAG2K-D Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 5Page - STMicroelectronics SRTAG2K-D Datasheet HTML 6Page - STMicroelectronics SRTAG2K-D Datasheet HTML 7Page - STMicroelectronics SRTAG2K-D Datasheet HTML 8Page - STMicroelectronics SRTAG2K-D Datasheet HTML 9Page - STMicroelectronics SRTAG2K-D Datasheet HTML 10Page - STMicroelectronics SRTAG2K-D Datasheet HTML 11Page - STMicroelectronics SRTAG2K-D Datasheet HTML 12Page - STMicroelectronics SRTAG2K-D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
DocID025446 Rev 3
9/51
SRTAG2K-D
Functional description
Figure 2. 8-pin package connections
1. See Package mechanical data section for package dimensions, and how to identify pin 1.
1.1
Functional modes
The SRTAG2K-D has just one functional mode available (see Table 2).
1.1.1
Tag mode
The SRTAG2K-D is supplied by the RF field and can communicate with an RF host (RFID
reader or an NFC phone). The User memory can only be accessed by the RF commands.
Table 1. Signal names
Signal name
Function
Direction
AC0, AC1
Antenna coils
-
VSS
Ground
-
RF Session
Interrupt output (1)
1. An external pull-up > 4.7 kΩ is required.
Open drain output
Table 2. Functional mode
Mode
Supply source
Comments
Tag mode
RF field only
The RF interface is connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com