Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRTAG2K-D Datasheet(PDF) 37 Page - STMicroelectronics

Part # SRTAG2K-D
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 33Page - STMicroelectronics SRTAG2K-D Datasheet HTML 34Page - STMicroelectronics SRTAG2K-D Datasheet HTML 35Page - STMicroelectronics SRTAG2K-D Datasheet HTML 36Page - STMicroelectronics SRTAG2K-D Datasheet HTML 37Page - STMicroelectronics SRTAG2K-D Datasheet HTML 38Page - STMicroelectronics SRTAG2K-D Datasheet HTML 39Page - STMicroelectronics SRTAG2K-D Datasheet HTML 40Page - STMicroelectronics SRTAG2K-D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
DocID025446 Rev 3
37/51
SRTAG2K-D
RF command sets
The FSDI field codes the FSD that defines the maximum size that an RF host is able to
receive. Table 47 gives the conversion from FDSI to FSD.
The DID field defines the value of the addressed SRTAG2K-D.
The FSCI codes the FSC which stands for the maximum frame size that the SRTAG2K-D is
able to receive. The SRTAG2K-D is able to receive up to 256 bytes of command. If the RF
host sends a command with more than 256 bytes, the SRTAG2K-D will not be able to treat
the command and will not reply.
The FWI which stands for the Frame Waiting time Integer codes the FWT. This time
corresponds to the maximum duration while an RF host shall send before sending the next
command.
The SFGI which stands for the Start-up Frame Guard Time is the minimum time that the
reader shall wait after receiving the response of the SRTAG2K-D.
5.9.3
PPS command & response
PPS (Protocol and Parameter Selection) command and response are defined in ISO/IEC
14443-4, in the Protocol Activation of PICC Type A.
The PPS command allows to change the data rates of the ascending (RF host to SRTAG2K-
D) and descending (SRTAG2K-D to RF host) data rates.
Table 47. Conversion from FDSI to FSD
FSDI
0x0
0x1
0x2
0x3
0x4
0x5
0x6
0x7
0x8
0x9h-
0xE
0xF
FSD
16
24
32
40
48
64
96
128
256
RFU
256
Table 48. ATS response
Name
TL
T0
TA(1)
TB(1)
TC(1)
CRC
Byte field
0x05
0x78
1 byte
1 byte
0x02
2 bytes
Bit field
b8-b5
b4-b1
Length of the ATS response
FSCI = 256 bytes
The maximum ascending data rate is 106 kbps
The maximum descending data rate is 106 kbps
FWI field (9.6 ms when TB = 0x50)
SFGI field (302 µs when TB = 0x50)
The DID is supported
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com