Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C161PI Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 7Page - Infineon Technologies AG C161PI Datasheet HTML 8Page - Infineon Technologies AG C161PI Datasheet HTML 9Page - Infineon Technologies AG C161PI Datasheet HTML 10Page - Infineon Technologies AG C161PI Datasheet HTML 11Page - Infineon Technologies AG C161PI Datasheet HTML 12Page - Infineon Technologies AG C161PI Datasheet HTML 13Page - Infineon Technologies AG C161PI Datasheet HTML 14Page - Infineon Technologies AG C161PI Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
&3,
Data Sheet
9
1999-07
EA
35
37
I
External Access Enable pin. A low level at this pin
during and after Reset forces the C161PI to begin
instruction execution out of external memory. A high
level forces execution out of the internal program
memory.
"ROMless" versions must have this pin tied to ‘0’.
PORT0
P0L.0-7
P0H.0-7
38-
45
48-
55
40-
47
50-
57
IO
PORT0 consists of the two 8-bit bidirectional I/O ports
P0L and P0H. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
In case of external bus configurations, PORT0 serves
as the address (A) and address/data (AD) bus in
multiplexed bus modes and as the data (D) bus in
demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 - A15
AD8 - AD15
PORT1
P1L.0-7
P1H.0-7
56-
63
66-
73
58-
65
68-
75
IO
PORT1 consists of the two 8-bit bidirectional I/O ports
P1L and P1H. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
PORT1 is used as the 16-bit address bus (A) in
demultiplexed bus modes and also after switching from
a demultiplexed bus mode to a multiplexed bus mode.
Table 1
Pin Definitions and Functions (continued)
Symbol Pin
Num.
TQFP
Pin
Num.
MQFP
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com