Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C161PI Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161PI Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button C161PI Datasheet HTML 14Page - Infineon Technologies AG C161PI Datasheet HTML 15Page - Infineon Technologies AG C161PI Datasheet HTML 16Page - Infineon Technologies AG C161PI Datasheet HTML 17Page - Infineon Technologies AG C161PI Datasheet HTML 18Page - Infineon Technologies AG C161PI Datasheet HTML 19Page - Infineon Technologies AG C161PI Datasheet HTML 20Page - Infineon Technologies AG C161PI Datasheet HTML 21Page - Infineon Technologies AG C161PI Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
&3,
Data Sheet
16
1999-07
Central Processing Unit (CPU)
The main core of the CPU consists of a 4-stage instruction pipeline, a 16-bit arithmetic
and logic unit (ALU) and dedicated SFRs. Additional hardware has been spent for a
separate multiply and divide unit, a bit-mask generator and a barrel shifter.
Based on these hardware provisions, most of the C161PI’s instructions can be executed
in just one machine cycle which requires 2 CPU clocks (4 TCL). For example, shift and
rotate instructions are always processed during one machine cycle independent of the
number of bits to be shifted. All multiple-cycle instructions have been optimized so that
they can be executed very fast as well: branches in 2 cycles, a 16
× 16 bit multiplication
in 5 cycles and a 32-/16 bit division in 10 cycles. Another pipeline optimization, the so-
called ‘Jump Cache’, reduces the execution time of repeatedly performed jumps in a loop
from 2 cycles to 1 cycle.
Figure 5
CPU Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com