Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA02K-P Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 40Page - STMicroelectronics ST25TA02K-P Datasheet HTML 41Page - STMicroelectronics ST25TA02K-P Datasheet HTML 42Page - STMicroelectronics ST25TA02K-P Datasheet HTML 43Page - STMicroelectronics ST25TA02K-P Datasheet HTML 44Page - STMicroelectronics ST25TA02K-P Datasheet HTML 45Page - STMicroelectronics ST25TA02K-P Datasheet HTML 46Page - STMicroelectronics ST25TA02K-P Datasheet HTML 47Page - STMicroelectronics ST25TA02K-P Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
RF command sets
ST25TA02K-P
44/64
DocID027794 Rev 2
The last five bits identify the password sent in the Verify command.
Table 40 defines the R-APDU of the Enable Verification Requirement command.
Note:
Note: For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.7.4
Disable Verification Requirement command
The Disable Requirement command deactivates the protection by password of the NDEF
file. When this command is successful, the read or write access to the NDEF file is granted
without security requirements. It can be performed only if the security status satisfies the
security attributes for this command.
Before sending this command, the verify command with the correct NDEF write password
shall be issued. Thus, this command changes the access right of the NDEF file.
This command can update the right access of the NDEF file by writing into the EEPROM. In
this case, the response timing will be around 6 ms.
Table 41 defines the Disable Verification Requirement command.
Table 40. R-APDU of the Enable Verification Requirement command
Data
SW1
SW2
Comment
Length
0
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed, the password is correct
Value
-
0x69
0x81
Cmd is incompatible with the file structure
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
Incorrect param. in cmd data field
Value
-
0x6A
0x82
File or application not found
Value
-
0x6A
0x86
Incorrect P1 or P2 values
Table 41. Disable Verification Requirement command format
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0x26
2 bytes
-
-
-
Class byte
Instruction code
New security attributes
0x0001: Disable the read protection of the NDEF file
0x0002: Disable the write protection of the NDEF file
Other: RFU
(empty filed)
(empty filed)
(empty filed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com