Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA02K-PC6C5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25TA02K-PC6C5 Datasheet HTML 3Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 4Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 5Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 6Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 7Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 8Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 9Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 10Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
DocID027794 Rev 2
7/64
ST25TA02K-P
List of figures
7
List of figures
Figure 1.
ST25TA02K-P block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
Applicative schematic example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
8-pin package connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
5-pin package connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
GPO configured as Session Open (GPO field = 0x10 or 0x90) . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
GPO configured as WIP (GPO field = 0x20 or 0xA0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
GPO configured as MIP (GPO field = 0x30 or 0xB0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 8.
GPO configured as INT (GPO field = 0x40 or 0xC0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9.
GPO configured as State Control (GPO field = 0x50 or 0xD0). . . . . . . . . . . . . . . . . . . . . . 17
Figure 10.
GPO configured as RF busy (GPO field = 0x60 or 0xE0). . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 11.
Field detect (GPO field = 0x70 or 0xF0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.
Changing the read access right to an NDEF file. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 13.
Changing the write access right to an NDEF file . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile fine pitch
dual flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 15.
UFDFPN5 - 5-lead, 1.7 × 1.4 mm, 0.55 mm thickness package outline. . . . . . . . . . . . . . . 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com