Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA02K-PC6C5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25TA02K-PC6C5
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-PC6C5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25TA02K-PC6C5 Datasheet HTML 1Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 2Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 3Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 4Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 5Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 6Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 7Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 8Page - STMicroelectronics ST25TA02K-PC6C5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
This is information on a product in full production.
June 2015
DocID027794 Rev 2
1/64
1
ST25TA02K-P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and
General Purpose Digital Output
Datasheet
- production data
Features
Contactless interface
• NFC Forum Type 4 Tag
• ISO/IEC 14443 Type A
• 106 Kbps data rate
• Internal tuning capacitance: 50 pF
Memory
• 256-byte (2-kbit) EEPROM
• Support of NDEF data structure
• Data retention: 200 years
• Endurance: 1 million erase-write cycles
• Read up to 255 bytes in a single command
• Write up to 54 bytes in a single command
• Chaining capability
• 7 bytes unique identifier (UID)
• 128 bits passwords protection
• 20 bits event counter with anti-tearing
• RF field detect
Package
• UFDFPN8 ECOPACK®2
• UFDFPN5 ECOPACK®2
Digital pad
• GPO: Configurable General Purpose Output
(enabling no DC consumption CMOS Output
buffer).
Description
The ST25TA02K-P device is a dynamic
NFC/RFID tag IC with a General Purpose Digital
Output.
It embeds an EEPROM memory. It can be
operated from a 13.56 MHz RFID reader or an
NFC phone.
The ST25TA02K-P is an NFC Forum Type 4 Tag;
it communicates using the ISO/IEC 14443 Type A
protocol.
UFDFPN8
Wafer
UFDFPN5
www.st.com


Similar Part No. - ST25TA02K-PC6C5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TA02K-AC6B5 STMICROELECTRONICS-ST25TA02K-AC6B5 Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
03-Aug-2015
More results

Similar Description - ST25TA02K-PC6C5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
24-Feb-2014
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
16-Jan-2015
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
16-Mar-2015
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
03-Aug-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
22-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com