Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA512 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25TA512
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 29Page - STMicroelectronics ST25TA512 Datasheet HTML 30Page - STMicroelectronics ST25TA512 Datasheet HTML 31Page - STMicroelectronics ST25TA512 Datasheet HTML 32Page - STMicroelectronics ST25TA512 Datasheet HTML 33Page - STMicroelectronics ST25TA512 Datasheet HTML 34Page - STMicroelectronics ST25TA512 Datasheet HTML 35Page - STMicroelectronics ST25TA512 Datasheet HTML 36Page - STMicroelectronics ST25TA512 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DocID027776 Rev 1
33/50
ST25TA512
RF command sets
47
Table 35 defines the R-APDU of the Verify command.
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.7.2
Change Reference Data command
The Change Reference Data command replaces the read or write password related to the
NDEF files previously selected. It can be performed only if the security status satisfies the
security attributes for this command.
Before sending this command, the verify command with the correct NDEF write password
shall be issued. Thus, this command changes the reference data of the NDEF file.
Table 36 defines the Change Reference Data command.
Table 36. Change reference data command format
Table 35. R-APDU of the Verify command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed, the password is correct
Value
-
0x69
0x84
The conditions of use are not satisfied (e.g. no
NDEF file was selected or Write access equal to
FFh (write lock) or read access equal to FEh (read
lock)
Value
-
0x69
0x81
Cmd incompatible with file structure
Value
-
0x69
0x82
Security status not satisfied
Value
-
0x6A
0x80
Incorrect parameter in cmd data field
Value
-
0x63
0x00
A password is required
Value
-
0x63
0xCX (1)
1. At each session, the RF host can check a password 3 times.
The password transmitted is incorrect and X
encodes the number of further allowed retries.
Name
CLA
INS
P1 & P2
Lc
Data
Le
-
0x00
0x24
2 bytes
0x10
Lc bytes
-
Class byte
Instruction code
Password identification
0x0001: Read password transmit
0x0002: Write password transmit
Other: RFU(1)
1. Return ERROR code when used.
0x10: the password is present in the data field
NDEF new file Password
(empty field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com