Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA512 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25TA512
Description  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 38Page - STMicroelectronics ST25TA512 Datasheet HTML 39Page - STMicroelectronics ST25TA512 Datasheet HTML 40Page - STMicroelectronics ST25TA512 Datasheet HTML 41Page - STMicroelectronics ST25TA512 Datasheet HTML 42Page - STMicroelectronics ST25TA512 Datasheet HTML 43Page - STMicroelectronics ST25TA512 Datasheet HTML 44Page - STMicroelectronics ST25TA512 Datasheet HTML 45Page - STMicroelectronics ST25TA512 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
RF device operation
ST25TA512
42/50
DocID027776 Rev 1
6
RF device operation
6.1
Anticollision and Device Activation command set for the RF
interface
The ST25TA512 device supports the command set defined in the NFC-A Technology and
the Type 4A Tag Platform chapters of the NFC Digital Protocol V1.0 specification.
6.2
Open an RF session
Once the RF host has terminated the anticollision procedure and retrieve the ATS response,
it shall send the SelectApplication command. The ST25TA512 will open an RF session. At
this point, the RF host can send the applicative command set.
6.3
Close an RF session
The RF host can close the RF session by issuing one of these methods:
•
send an S(DES) command
•
turn off the RF field
6.4
Applicative command set
The applicative command set is composed of the following command sets:
•
the NFC Forum Type 4 Tag command set
•
the ISO/IEC 7816-4 command set
•
the proprietary command set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com