Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3117IJT Datasheet(PDF) 20 Page - STMicroelectronics

Part # STC3117IJT
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117IJT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STC3117IJT Datasheet HTML 16Page - STMicroelectronics STC3117IJT Datasheet HTML 17Page - STMicroelectronics STC3117IJT Datasheet HTML 18Page - STMicroelectronics STC3117IJT Datasheet HTML 19Page - STMicroelectronics STC3117IJT Datasheet HTML 20Page - STMicroelectronics STC3117IJT Datasheet HTML 21Page - STMicroelectronics STC3117IJT Datasheet HTML 22Page - STMicroelectronics STC3117IJT Datasheet HTML 23Page - STMicroelectronics STC3117IJT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Functional description
STC3117
20/34
DocID025792 Rev 2
Figure 10. Restart in case of battery swap
VCC
UVLO
BATD
Short UVLO
event < 0.5s
No restart,
No operation
interruption
BATFAIL=0
UVLOD=0
<0.5s
Short battery
disconnection
event < 0.5s
No restart,
No operation
interruption
BATFAIL=0
UVLOD=0
<0.5s
POR
Battery removal,
fast Vcc drop,
Restart at
powerup
PORDET=1
BATFAIL=0
UVLOD=0
1.61V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com