Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3117IJT Datasheet(PDF) 21 Page - STMicroelectronics

Part # STC3117IJT
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117IJT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STC3117IJT Datasheet HTML 17Page - STMicroelectronics STC3117IJT Datasheet HTML 18Page - STMicroelectronics STC3117IJT Datasheet HTML 19Page - STMicroelectronics STC3117IJT Datasheet HTML 20Page - STMicroelectronics STC3117IJT Datasheet HTML 21Page - STMicroelectronics STC3117IJT Datasheet HTML 22Page - STMicroelectronics STC3117IJT Datasheet HTML 23Page - STMicroelectronics STC3117IJT Datasheet HTML 24Page - STMicroelectronics STC3117IJT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID025792 Rev 2
21/34
STC3117
I2C interface
34
7
I2C interface
7.1
Read and write operations
The I2C interface is used to control and read the current accumulator and registers. It is
compatible with the Philips I2C Bus® (version 2.1). It is a slave serial interface with a serial
data line (SDA) and a serial clock line (SCL).
•
SCL: input clock used to shift data
•
SDA: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line supports transfers up to 400 Kbit/s (fast mode). The data are
shifted to and from the chip on the SDA line, MSB first.
The first bit must be high (START) followed by the 7-bit device address and the read/write
control bit. The default device address value is 1110 000. The STC3117 then sends an
acknowledge at the end of an 8-bit long sequence. The next eight bits correspond to the
register address followed by another acknowledge.
The data field is the last 8-bit long sequence sent, followed by a final acknowledge.
Figure 11. Read operation
Table 8. Device address format
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
111
000
0
R/W
Table 9. Register address format
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
RegADDR7
RegADDR6
RegADDR5
RegADDR4
RegADDR3
RegADDR2
RegADDR1
RegADDR0
Table 10. Register data format
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com