Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164CL Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 58Page - Infineon Technologies AG C164CL Datasheet HTML 59Page - Infineon Technologies AG C164CL Datasheet HTML 60Page - Infineon Technologies AG C164CL Datasheet HTML 61Page - Infineon Technologies AG C164CL Datasheet HTML 62Page - Infineon Technologies AG C164CL Datasheet HTML 63Page - Infineon Technologies AG C164CL Datasheet HTML 64Page - Infineon Technologies AG C164CL Datasheet HTML 65Page - Infineon Technologies AG C164CL Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
58
V2.0, 2001-05
Memory Cycle Variables
The timing tables below use three variables which are derived from the BUSCONx
registers and represent the special characteristics of the programmed memory cycle.
The following table describes, how these variables are to be computed.
Note: Please respect the maximum operating frequency of the respective derivative.
AC Characteristics
Table 15
Memory Cycle Variables
Description
Symbol
Values
ALE Extension
tA
TCL
× <ALECTL>
Memory Cycle Time Waitstates
tC
2TCL
× (15 - <MCTC>)
Memory Tristate Time
tF
2TCL
× (1 - <MTTC>)
Multiplexed Bus
(Operating Conditions apply)
ALE cycle time = 6 TCL + 2
tA + tC + tF (120 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.
ALE high time
t5
CC
10 +
tA
–
TCL - 10
+
tA
–
ns
Address setup to ALE
t6
CC
4 +
tA
–
TCL - 16
+
tA
–
ns
Address hold after ALE
t7
CC
10 +
tA
–
TCL - 10
+
tA
–
ns
ALE falling edge to RD,
WR (with RW-delay)
t8
CC
10 +
tA
–
TCL - 10
+
tA
–
ns
ALE falling edge to RD,
WR (no RW-delay)
t9
CC
-10 +
tA –
-10 +
tA
–
ns
Address float after RD,
WR (with RW-delay)
t10 CC –
6
–
6ns
Address float after RD,
WR (no RW-delay)
t11 CC –
26
–
TCL + 6
ns
RD, WR low time
(with RW-delay)
t12 CC 30 + tC
–
2TCL - 10
+
tC
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com