Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C164CL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 5Page - Infineon Technologies AG C164CL Datasheet HTML 6Page - Infineon Technologies AG C164CL Datasheet HTML 7Page - Infineon Technologies AG C164CL Datasheet HTML 8Page - Infineon Technologies AG C164CL Datasheet HTML 9Page - Infineon Technologies AG C164CL Datasheet HTML 10Page - Infineon Technologies AG C164CL Datasheet HTML 11Page - Infineon Technologies AG C164CL Datasheet HTML 12Page - Infineon Technologies AG C164CL Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
5
V2.0, 2001-05
Table 2
Pin Definitions and Functions
Symbol Pin
No.
Input
Outp.
Function
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
76
77
78
79
2
3
4
5
I
I
I
I
I
I
I
I
I
Port 5 is an 8-bit input-only port with Schmitt-Trigger charact.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
AN5,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN6,
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
AN7,
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3
P3.4
P3.6
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.15
8
9
10
11
12
13
14
15
16
IO
I
I
I/O
I/O
O
I/O
O
O
I/O
O
O
Port 3 is a 9-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 3 is
selectable (TTL or special).
The following Port 3 pins also serve for alternate functions:
T3EUD
GPT1 Timer T3 External Up/Down Control Input
T3IN
GPT1 Timer T3 Count/Gate Input
MRST
SSC Master-Receive/Slave-Transmit Inp./Outp.
MTSR
SSC Master-Transmit/Slave-Receive Outp./Inp.
TxD0
ASC0 Clock/Data Output (Async./Sync.)
RxD0
ASC0 Data Input (Async.) or Inp./Outp. (Sync.)
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
SCLK
SSC Master Clock Output / Slave Clock Input.
CLKOUT
System Clock Output (= CPU Clock),
FOUT
Programmable Frequency Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com