Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC165H Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # SAFC165H
Description  EMBEDDED C166 WITH USART IOM-2 AND HDLC SUPPORT
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC165H Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button SAFC165H Datasheet HTML 34Page - Infineon Technologies AG SAFC165H Datasheet HTML 35Page - Infineon Technologies AG SAFC165H Datasheet HTML 36Page - Infineon Technologies AG SAFC165H Datasheet HTML 37Page - Infineon Technologies AG SAFC165H Datasheet HTML 38Page - Infineon Technologies AG SAFC165H Datasheet HTML 39Page - Infineon Technologies AG SAFC165H Datasheet HTML 40Page - Infineon Technologies AG SAFC165H Datasheet HTML 41Page - Infineon Technologies AG SAFC165H Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 499 page
background image
C165H
Architectural Overview
Data Sheet
38
2001-04-19
PR
EL
IM
IN
AR
Y
- EXC
ER
PT
-
Figure 7
C165H General Clock Concept
Note: All supported clock modes for the C165H are shown in Table 9. Because of the
limited size of the register, there are not all combinations adjustable, which can be
derived theoretical from Figure 7.
% 2
% 2
Phase
Detector
Charge
Pump
Loop
Filter
VCO
common mode feedback
CPU Divider
1/(6,8,12,24)
Lock
Detection
Feedback
Divider 1/6
(288 MHz
@ 8 MHz)
PLL UNIT
CLOCK UNIT
Mux
Mux
Mux
Mux
Clock
Control
Unit
CLKCFG
Pin 15
XTAL1
Pin 16
XTAL2
Pin 13
clkmode
Pin 30
clockout
Main CPU_Clock
OSC
(SYSCON: P0H7:5)
fCPU = fIN x F
fOSC
OWD
control signals
Div1
Div2
f
XTAL
Mux
Slow
Down
Divider
SYSCON2.7
Reload
SYSCON2.10:14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com