Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH400N4F6-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH400N4F6-2
Description  Automotive-grade N-channel 40 V, 0.85 mΩ typ.,180 A STripFET™ VI DeepGATE™ Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH400N4F6-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STH400N4F6-2 Datasheet HTML 1Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 2Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 3Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 4Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 5Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 6Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 7Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 8Page - STMicroelectronics STH400N4F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
February 2014
DocID023429 Rev 2
1/18
STH400N4F6-2,
STH400N4F6-6
Automotive-grade N-channel 40 V, 0.85 m
Ω typ.,180 A
STripFET™ VI DeepGATE™ Power MOSFETs
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Low gate charge
• Very low on-resistance
• High avalanche ruggedness
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFETs exhibits
the lowest R
DS(on)
in all packages.
H2PAK-2
1
2
3
TAB
H2PAK-6
1
TAB
7
D(TAB)
G(1)
S(2, 3)
S(2, 3, 4, 5, 6, 7)
G(1)
D(TAB)
H2PAK-2
H2PAK-6
AM14551V1
Order codes
VDS
RDS(on) max
ID
STH400N4F6-2
40 V
1.15 m
Ω
180 A
STH400N4F6-6
Table 1. Device summary
Order codes
Marking
Package
Packaging
STH400N4F6-2
400N4F6
H
2
PAK-2
Tape and reel
STH400N4F6-6
H
2
PAK-6
www.st.com


Similar Part No. - STH400N4F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH410N4F7-2AG STMICROELECTRONICS-STH410N4F7-2AG Datasheet
848Kb / 19P
Switching applications
February 2016 Rev 4
STH410N4F7-6AG STMICROELECTRONICS-STH410N4F7-6AG Datasheet
848Kb / 19P
Switching applications
February 2016 Rev 4
STH47N60DM6-2AG STMICROELECTRONICS-STH47N60DM6-2AG Datasheet
642Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in an H2PAK-2 package
March 2019 Rev 2
logo
Teledyne Technologies I...
STH48D35 TELEDYNE-STH48D35 Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
STH48D50 TELEDYNE-STH48D50 Datasheet
444Kb / 4P
High Industrial Performance (HIPak) Solid-State Relays
More results

Similar Description - STH400N4F6-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
N-channel 40 V, 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
08-Aug-2012
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com