Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10LN80K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP10LN80K5
Description  N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10LN80K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP10LN80K5 Datasheet HTML 2Page - STMicroelectronics STP10LN80K5 Datasheet HTML 3Page - STMicroelectronics STP10LN80K5 Datasheet HTML 4Page - STMicroelectronics STP10LN80K5 Datasheet HTML 5Page - STMicroelectronics STP10LN80K5 Datasheet HTML 6Page - STMicroelectronics STP10LN80K5 Datasheet HTML 7Page - STMicroelectronics STP10LN80K5 Datasheet HTML 8Page - STMicroelectronics STP10LN80K5 Datasheet HTML 9Page - STMicroelectronics STP10LN80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STP10LN80K5
6/14
DocID027747 Rev 2
2.2
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com