Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPTIC Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPTIC
Description  Parascan tunable integrated capacitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC Datasheet(HTML) 3 Page - STMicroelectronics

  STPTIC Datasheet HTML 1Page - STMicroelectronics STPTIC Datasheet HTML 2Page - STMicroelectronics STPTIC Datasheet HTML 3Page - STMicroelectronics STPTIC Datasheet HTML 4Page - STMicroelectronics STPTIC Datasheet HTML 5Page - STMicroelectronics STPTIC Datasheet HTML 6Page - STMicroelectronics STPTIC Datasheet HTML 7Page - STMicroelectronics STPTIC Datasheet HTML 8Page - STMicroelectronics STPTIC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID023772 Rev 4
3/13
STPTIC
Electrical characteristics
13
2
Electrical characteristics
Table 2. Absolute maximum ratings (limiting values)
Symbol
Parameter
Rating
Unit
PIN
Input peak power RFIN (CW mode)/all RF ports
+36
dBm
VESD(HBM) Human body model, JESD22-A114-B, all I/O
STPTIC-12
500
V
STPTIC-27
400(1)
1.
Currently failing around 400 V, improvement on going to withstand 500 V on 2p7 and 3p3.
STPTIC-33
400(1)
STPTIC-39
500
STPTIC-47
500
STPTIC-56
500
STPTIC-68
500
STPTIC-82
500
VESD(MM)
Machine model, JESD22-A114-B, all I/O
100
V
Tdevice
Device temperature
+125
°C
Tstg
Storage temperature
-55 to +150
Vx
Bias voltage
25
V
Table 3. Recommended operating conditions
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
PIN
RF input power (50% duty cycle mode)
RFIN (LB)
RFIN (HB)
+35
+33
dBm
FOP
Operating frequency
700
3000
MHz
Tdevice
Device temperature
+100
°C
TOP
Operating temperature
-30
+85
Vx
Bias voltage
2
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com