Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPTIC Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPTIC
Description  Parascan tunable integrated capacitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC Datasheet(HTML) 4 Page - STMicroelectronics

  STPTIC Datasheet HTML 1Page - STMicroelectronics STPTIC Datasheet HTML 2Page - STMicroelectronics STPTIC Datasheet HTML 3Page - STMicroelectronics STPTIC Datasheet HTML 4Page - STMicroelectronics STPTIC Datasheet HTML 5Page - STMicroelectronics STPTIC Datasheet HTML 6Page - STMicroelectronics STPTIC Datasheet HTML 7Page - STMicroelectronics STPTIC Datasheet HTML 8Page - STMicroelectronics STPTIC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STPTIC
4/13
DocID023772 Rev 4
Table 4. Representative performances (Tamb = 25 °C)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
C2V
Capacitance at 2V bias
STPTIC-12
1.08
1.20
1.32
pF
STPTIC-27
2.43
2.7
2.97
pF
STPTIC-33
2.97
3.3
3.63
pF
STPTIC-39
3.51
3.9
4.29
pF
STPTIC-47
4.23
4.7
5.17
pF
STPTIC-56
5.04
5.6
6.16
pF
STPTIC-68
6.12
6.8
7.48
pF
STPTIC-82
7.38
8.2
9.02
IL
Leakage current
Measured with Vbias = 20 V
100
nA
ΔC
Tuning range
Ratio between C2V/C20V
measured at 100 kHz
3/1
3.5/1
QLB
Quality factor
Measured at 900 MHz
65
QHB
Quality factor
Measured at 1800 MHz
45
IP3
Third order intercept point
Vbias = 2 V
(1) and (3)
1.
F1 = 894 MHz, F2 = 849 MHz, P1 = 20 dBm, P2 = -15 dBm, 2f1 - f2 = 939 MHz
60
dBm
Vbias = 20 V
(1) and (3)
70
dBm
H2
Second harmonic
Vbias = 2 V
(2) and (3)
2.
894 MHz, Pin = 34 dBm
-65
dBm
Vbias = 20 V
(2) and (3)
-65
dBm
H3
Third harmonic
Vbias = 2 V
(2) and (3)
-45
dBm
Vbias = 20 V
(2) and (3)
3.
IP3 and harmonics are measured in the shunt/series configuration in a 50
Ω environment
-45
dBm
tT
Transition time
From Cmin to Cmax
(4)
4.
One or both of RFin and RFout must be connected to DC ground
135
µs
From Cmax to Cmin
(4)
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com