Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRFNFCA Datasheet(PDF) 46 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics STRFNFCA Datasheet HTML 46Page - STMicroelectronics STRFNFCA Datasheet HTML 47Page - STMicroelectronics STRFNFCA Datasheet HTML 48Page - STMicroelectronics STRFNFCA Datasheet HTML 49Page - STMicroelectronics STRFNFCA Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
Electrical characteristics
STRFNFCA
46/74
Doc ID 023077 Rev 10
6
Electrical characteristics
6.1
Absolute maximum ratings
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 36.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPS_Main
Supply voltage
–0.3 to 7.0
V
VPS_TX
Supply voltage (RF drivers)
–0.3 to 7.0
V
VIO
Input or output voltage relative to ground
–0.3 to VPS_Main +0.3
V
VMaxCarrier
Maximum input voltage (pins RX1 and RX2)
±14.0
V
TA
Ambient operating temperature
–25 to +85
°C
Ambient operating temperature (RF mode)
–25 to +85
TSTG
Storage temperature (Please also refer to package
specification).
–65 to +150
°C
VESD
Electrostatic discharge voltage according to
JESD22-A114, Human Body Model
2000
V
PTOT
(1)
1.
Depending on the thermal resistance of package.
Total power dissipation per package
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com