Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH15R06D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH15R06D
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15R06D Datasheet(HTML) 4 Page - STMicroelectronics

  STTH15R06D Datasheet HTML 1Page - STMicroelectronics STTH15R06D Datasheet HTML 2Page - STMicroelectronics STTH15R06D Datasheet HTML 3Page - STMicroelectronics STTH15R06D Datasheet HTML 4Page - STMicroelectronics STTH15R06D Datasheet HTML 5Page - STMicroelectronics STTH15R06D Datasheet HTML 6Page - STMicroelectronics STTH15R06D Datasheet HTML 7Page - STMicroelectronics STTH15R06D Datasheet HTML 8Page - STMicroelectronics STTH15R06D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH15R06
4/9
Doc ID 7974 Rev 2
Figure 1.
Conduction losses versus average
current
Figure 2.
Forward voltage drop versus
forward current
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AC)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAC)
Figure 5.
Peak reverse recovery current
versus dIF/dt (90% confidence)
Figure 6.
Reverse recovery time versus dIF/dt
(90% confidence)
0
5
10
15
20
25
30
35
40
02468
10
12
14
16
18
20
IF(av)(A)
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
10
20
30
40
50
60
70
80
90
100
110
120
01
234
56
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
0
5
10
15
20
25
30
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=2 x IF(av)
IF=2 x IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=IF(av)
IF=IF(av)
IF=0.25 x IF(av)
IF=0.25 x IF(av)
IRM(A)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
IF=2 x IF(av)
trr(ns)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com