Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH15R06D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH15R06D
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15R06D Datasheet(HTML) 5 Page - STMicroelectronics

  STTH15R06D Datasheet HTML 1Page - STMicroelectronics STTH15R06D Datasheet HTML 2Page - STMicroelectronics STTH15R06D Datasheet HTML 3Page - STMicroelectronics STTH15R06D Datasheet HTML 4Page - STMicroelectronics STTH15R06D Datasheet HTML 5Page - STMicroelectronics STTH15R06D Datasheet HTML 6Page - STMicroelectronics STTH15R06D Datasheet HTML 7Page - STMicroelectronics STTH15R06D Datasheet HTML 8Page - STMicroelectronics STTH15R06D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH15R06
Characteristics
Doc ID 7974 Rev 2
5/9
Figure 7.
Reverse recovery charges versus
dIF/dt (90% confidence)
Figure 8.
Softness factor versus dIF/dt
(typical values)
Figure 9.
Relative variation of dynamic
parameters versus junction
temperature
Figure 10.
Transient peak forward voltage
versus dIF/dt (90% confidence)
Figure 11.
Forward recovery time versus dIF/dt
(90% confidence)
Figure 12.
Junction capacitance versus
reverse voltage applied
(typical values)
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
0.10
0.15
0.20
0.25
0.30
0.35
0
200
400
600
800
1000
dIF/dt(A/µs)
IF=IF(av)
VR=400V
Tj=125°C
S factor
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
25
50
75
100
125
Tj(°C)
IRM
Qrr
S factor
Reference: Tj=125°C
IF=IF(av)
VR=400V
Tj=125°C
0
1
2
3
4
5
6
7
8
9
10
11
12
0
100
200
300
400
500
dIF/dt(A/µs)
IF=IF(av)
Tj=125°C
VFP(V)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
100
200
300
400
500
dIF/dt(A/µs)
IF=IF(av)
VFR=1.1 x VF max.
Tj=125°C
tfr(ns)
10
100
1000
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com