Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH15R06FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH15R06FP
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15R06FP Datasheet(HTML) 2 Page - STMicroelectronics

  STTH15R06FP Datasheet HTML 1Page - STMicroelectronics STTH15R06FP Datasheet HTML 2Page - STMicroelectronics STTH15R06FP Datasheet HTML 3Page - STMicroelectronics STTH15R06FP Datasheet HTML 4Page - STMicroelectronics STTH15R06FP Datasheet HTML 5Page - STMicroelectronics STTH15R06FP Datasheet HTML 6Page - STMicroelectronics STTH15R06FP Datasheet HTML 7Page - STMicroelectronics STTH15R06FP Datasheet HTML 8Page - STMicroelectronics STTH15R06FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH15R06
2/9
Doc ID 7974 Rev 2
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 1.16 x IF(AV) + 0.043 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current
15
A
IFSM
Surge non repetitive forward current
Tp = 10 ms sinusoidal
150
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
TO-220AC
1.5
°C/W
TO-220FPAC
4.0
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
Tj = 25 °C
VR = 600 V
60
µA
Tj= 125 °C
70
800
VF
Forward voltage drop
Tj = 25 °C
IF = 15 A
2.9
V
Tj = 125 °C
1.4
1.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com