Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH15R06FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH15R06FP
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15R06FP Datasheet(HTML) 3 Page - STMicroelectronics

  STTH15R06FP Datasheet HTML 1Page - STMicroelectronics STTH15R06FP Datasheet HTML 2Page - STMicroelectronics STTH15R06FP Datasheet HTML 3Page - STMicroelectronics STTH15R06FP Datasheet HTML 4Page - STMicroelectronics STTH15R06FP Datasheet HTML 5Page - STMicroelectronics STTH15R06FP Datasheet HTML 6Page - STMicroelectronics STTH15R06FP Datasheet HTML 7Page - STMicroelectronics STTH15R06FP Datasheet HTML 8Page - STMicroelectronics STTH15R06FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH15R06
Characteristics
Doc ID 7974 Rev 2
3/9
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25 °C
IF = 0.5 A,
Irr = 0.25 A, IR = 1 A
30
ns
IF = 1 A,
dIF/dt = - 50 A/µs,
VR = 30 V
50
IRM
Tj = 125 °C
IF = 15 A,
dIF/dt = - 200 A/µs,
VR = 400 V
7.5
9.0
A
Sfactor
0.15
-
Qrr
220
nC
tfr
Forward
recovery time
Tj = 25 °C
IF = 15 A,
dIF/dt = 120 A/µs
VFR = 1.1 x VFmax
200
ns
VFP
Forward
recovery voltage
6V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com