Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH75S12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH75S12
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH75S12 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH75S12 Datasheet HTML 1Page - STMicroelectronics STTH75S12 Datasheet HTML 2Page - STMicroelectronics STTH75S12 Datasheet HTML 3Page - STMicroelectronics STTH75S12 Datasheet HTML 4Page - STMicroelectronics STTH75S12 Datasheet HTML 5Page - STMicroelectronics STTH75S12 Datasheet HTML 6Page - STMicroelectronics STTH75S12 Datasheet HTML 7Page - STMicroelectronics STTH75S12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
September 2014
DocID026666 Rev 1
1/8
8
STTH75S12
Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduces switching and conduction losses
Description
The STTH75S12 is developed using ST’s Turbo 2
1200 V technology. It is well-suited as a boost
diode, especially for use in UPS.
D47
O-2
A
K
K
Table 1. Device summary
Symbol
Value
IF(AV)
75 A
VRRM
1200 V
trr (typ)
40 ns
VF (typ)
1.9 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STTH75S12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10002 STMICROELECTRONICS-STTH10002 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
STTH10002TV1 STMICROELECTRONICS-STTH10002TV1 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
logo
Inchange Semiconductor ...
STTH10002TV1 ISC-STTH10002TV1 Datasheet
573Kb / 2P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH10002TV2 STMICROELECTRONICS-STTH10002TV2 Datasheet
112Kb / 8P
Ultrafast recovery diode
05-Apr-2006
logo
Inchange Semiconductor ...
STTH10002TV2 ISC-STTH10002TV2 Datasheet
532Kb / 3P
Ultrafast Recovery Diode
More results

Similar Description - STTH75S12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com