Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH75S12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH75S12
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH75S12 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH75S12 Datasheet HTML 1Page - STMicroelectronics STTH75S12 Datasheet HTML 2Page - STMicroelectronics STTH75S12 Datasheet HTML 3Page - STMicroelectronics STTH75S12 Datasheet HTML 4Page - STMicroelectronics STTH75S12 Datasheet HTML 5Page - STMicroelectronics STTH75S12 Datasheet HTML 6Page - STMicroelectronics STTH75S12 Datasheet HTML 7Page - STMicroelectronics STTH75S12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID026666 Rev 1
3/8
STTH75S12
Characteristics
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
P
F(AV) (W)
0
50
100
150
200
250
300
0
10
20
3040
5060
7080
90
100
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
IF(AV)(A)
T
δ = tp/T
tp
I(A)
F
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tj = 150 °C
Tj = 25 °C
VF(V)
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance, junction to case, versus pulse
duration
I(A)
F
0.1
1.0
10.0
100.0
1000.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Tj = 150 °C
Tj = 25 °C
VF(V)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tP(s)
Figure 5. Peak reverse recovery current versus
dIF/dt (typical values)
Figure 6. Reverse recovery time versus dIF/dt
(typical values)
0
10
20
30
40
50
0
50
100
150
200
250
300
350
400
450
500
I
F = I F(AV)
V
R= 600 V
T
j = 125 °C
I(A)
RM
dIF/dt(A/µs)
t
(ns)
RR
0
200
400
600
800
1000
0
50
100
150
200
250
300
350
400
450
500
I
F = I F(AV)
V
R= 600 V
T
j = 125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com