Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH60SW03CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH60SW03CW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60SW03CW Datasheet(HTML) 2 Page - STMicroelectronics

  STTH60SW03CW Datasheet HTML 1Page - STMicroelectronics STTH60SW03CW Datasheet HTML 2Page - STMicroelectronics STTH60SW03CW Datasheet HTML 3Page - STMicroelectronics STTH60SW03CW Datasheet HTML 4Page - STMicroelectronics STTH60SW03CW Datasheet HTML 5Page - STMicroelectronics STTH60SW03CW Datasheet HTML 6Page - STMicroelectronics STTH60SW03CW Datasheet HTML 7Page - STMicroelectronics STTH60SW03CW Datasheet HTML 8Page - STMicroelectronics STTH60SW03CW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH60SW03C
2/9
DocID026582 Rev 1
1
Characteristics
When diodes 1 and 2 are used simultaneously:
Tj(diode1) = P (diode1) x Rth(j-c)(per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.89 x IF(AV) + 0.012 IF2(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
Forward rms current
45
A
IF(AV)
Average forward current, δ = 0.5 square
waveform
TC = 85 °C
Per diode
30
A
TC = 75 °C
Per device
60
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
200
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
1.8
°C/W
Total
1
Rth(c)
Coupling
0.2
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
15
µA
Tj = 125 °C
15
150
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 30 A
1.55
V
Tj = 150 °C
1.05
1.25
Tj = 25 °C
IF = 60 A
1.85
Tj = 150 °C
1.35
1.6
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com