Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH60SW03CW Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH60SW03CW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60SW03CW Datasheet(HTML) 4 Page - STMicroelectronics

  STTH60SW03CW Datasheet HTML 1Page - STMicroelectronics STTH60SW03CW Datasheet HTML 2Page - STMicroelectronics STTH60SW03CW Datasheet HTML 3Page - STMicroelectronics STTH60SW03CW Datasheet HTML 4Page - STMicroelectronics STTH60SW03CW Datasheet HTML 5Page - STMicroelectronics STTH60SW03CW Datasheet HTML 6Page - STMicroelectronics STTH60SW03CW Datasheet HTML 7Page - STMicroelectronics STTH60SW03CW Datasheet HTML 8Page - STMicroelectronics STTH60SW03CW Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH60SW03C
4/9
DocID026582 Rev 1
Figure 5. Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 6. Reverse recovery time versus dIF/dt
(typical values, per diode)
I(A)
RM
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
I
F = IF(AV)
V
R = 200 V
T
j = 125 °C
dIF/dt(A/µs)
t
(ns)
RR
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
I
F = IF(AV)
V
R = 200 V
T
j = 125 °C
Figure 7. Reverse recovery charges versus
dIF/dt (typical values, per diode)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values, per diode)
Q
(ns)
RR
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
I
F = IF(AV)
V
R = 200 V
T
j = 125 °C
Sfactor
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
I
F = IF(AV)
V
R = 200 V
T
j = 125 °C
Figure 9. Relative variations of dynamic
parameters versus junction temperature
Figure 10. Transient peak forward voltage
versus dIF/dt (typical values, per diode)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
I
F = IF(AV)
V
R = 200 V
Reference: T
j = 125
°C
I
RM
S
FACTOR
Q
RR
T (°C)
j
0
1
2
3
4
5
200
250
300
350
400
450
500
I
F=IF(AV)
T
j=125 °C
V
(V)
FP
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com