Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT20N120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SCT20N120
Description  Very high operating temperature capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT20N120 Datasheet(HTML) 3 Page - STMicroelectronics

  SCT20N120 Datasheet HTML 1Page - STMicroelectronics SCT20N120 Datasheet HTML 2Page - STMicroelectronics SCT20N120 Datasheet HTML 3Page - STMicroelectronics SCT20N120 Datasheet HTML 4Page - STMicroelectronics SCT20N120 Datasheet HTML 5Page - STMicroelectronics SCT20N120 Datasheet HTML 6Page - STMicroelectronics SCT20N120 Datasheet HTML 7Page - STMicroelectronics SCT20N120 Datasheet HTML 8Page - STMicroelectronics SCT20N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID026413 Rev 4
3/13
SCT20N120
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
1200
V
VGS
Gate-source voltage
-10/+25
V
ID
Drain current (continuous) at TC = 25 °C
20
A
ID
Drain current (continuous) at TC = 100 °C
16
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
45
A
PTOT
Total dissipation at TC = 25 °C
175
W
Tstg
Storage temperature
-55 to 200
°C
Tj
Operating junction temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1
°C/W
Rthj-amb
Thermal resistance junction-ambient max
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com