Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCT20N120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SCT20N120
Description  Very high operating temperature capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT20N120 Datasheet(HTML) 5 Page - STMicroelectronics

  SCT20N120 Datasheet HTML 1Page - STMicroelectronics SCT20N120 Datasheet HTML 2Page - STMicroelectronics SCT20N120 Datasheet HTML 3Page - STMicroelectronics SCT20N120 Datasheet HTML 4Page - STMicroelectronics SCT20N120 Datasheet HTML 5Page - STMicroelectronics SCT20N120 Datasheet HTML 6Page - STMicroelectronics SCT20N120 Datasheet HTML 7Page - STMicroelectronics SCT20N120 Datasheet HTML 8Page - STMicroelectronics SCT20N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026413 Rev 4
5/13
SCT20N120
Electrical characteristics
Table 6. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Eon
Turn-on switching losses
VDD = 800 V, ID = 10 A
RG=6.8 Ω, VGS = -2/20 V
-
160
-
µJ
Eoff
Turn-off switching losses
-
90
-
µJ
Eon
Turn-on switching losses
VDD = 800 V, ID = 10 A
RG=6.8 Ω, VGS = -2/20 V
TJ= 150 °C
-
165
-
µJ
Eoff
Turn-off switching losses
-
100
-
µJ
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)V
Turn-on delay time
VDD = 800 V, ID = 10 A,
RG = 0 Ω, VGS = 0/20 V
-10
-
ns
tf(V)
Fall time
-
17
-
ns
td(off)V
Turn-off delay time
-
27
-
ns
tr(V)
Rise time
-
16
-
ns
Table 8. Reverse SiC diode characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VSD
Diode forward voltage
IF = 5 A, VGS = -5 V
-
3.6
-
V
trr
Reverse recovery time
ISD =10 A, VGS =-5 V,
VR =800 V,
dif/dt = 1650 A/µs
-15
-
ns
Qrr
Reverse recovery charge
-
75
-
nC
Irrm
Peak reverse recovery current
-
8
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com