Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAP16DPS05 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STAP16DPS05 Datasheet HTML 15Page - STMicroelectronics STAP16DPS05 Datasheet HTML 16Page - STMicroelectronics STAP16DPS05 Datasheet HTML 17Page - STMicroelectronics STAP16DPS05 Datasheet HTML 18Page - STMicroelectronics STAP16DPS05 Datasheet HTML 19Page - STMicroelectronics STAP16DPS05 Datasheet HTML 20Page - STMicroelectronics STAP16DPS05 Datasheet HTML 21Page - STMicroelectronics STAP16DPS05 Datasheet HTML 22Page - STMicroelectronics STAP16DPS05 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID024315 Rev 6
19/34
STAP16DPS05
Detection mode functionality
34
7.2
Phase two: “error detection”
The 16 data bits must be set to “1” in order to set ON all the outputs during the detection.
The data are latched by LE/DM1 and after that the outputs are ready for the detection
process. When the microcontroller switches the OE/DM2 to LOW, the device drives the
LEDs in order to analyze if an OPEN or SHORT condition has occurred.
The LED status is detected at least in 1 microsecond (minimum) and after this time the
microcontroller sets OE/DM2 in high state and the output data detection result goes to the
microprocessor via SDO.
Detection mode and normal mode both use the same data format. As soon as all the
detection data bits are available on the serial line, the device may go back to normal mode
of operation. To re-detect the status, the device must go back in normal mode and re-enter
error detection mode.
Figure 15. Detection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com