Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAP16DPS05 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STAP16DPS05 Datasheet HTML 23Page - STMicroelectronics STAP16DPS05 Datasheet HTML 24Page - STMicroelectronics STAP16DPS05 Datasheet HTML 25Page - STMicroelectronics STAP16DPS05 Datasheet HTML 26Page - STMicroelectronics STAP16DPS05 Datasheet HTML 27Page - STMicroelectronics STAP16DPS05 Datasheet HTML 28Page - STMicroelectronics STAP16DPS05 Datasheet HTML 29Page - STMicroelectronics STAP16DPS05 Datasheet HTML 30Page - STMicroelectronics STAP16DPS05 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID024315 Rev 6
27/34
STAP16DPS05
Detection mode functionality
34
Figure 23. Auto power-saving behavior
Note:
When the device goes from auto power-saving to normal operating condition, the first output
switching ON shows the TON condition as seen in the plot above.
Temp. = 25°C, VDD = 3.3 V, Vin = VDD, VLed = 3.0 V, Iset = 20 mA
Ch1 (yellow) = IDD, Ch2 (blue) = SDI, Ch3 (purple) = LE/DM1, Ch4 (green) = CLK.
AM13681v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com