Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH140N6F7-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH140N6F7-2
Description  High avalanche ruggedness
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH140N6F7-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STH140N6F7-2 Datasheet HTML 1Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 2Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 3Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 4Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 5Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 6Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 7Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 8Page - STMicroelectronics STH140N6F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2015
DocID025089 Rev 3
1/19
This is information on a product in full production.
www.st.com
STH140N6F7-2, STH140N6F7-6
N-
channel 60 V, 0.0028 Ω typ., 80 A STripFET™ F7
Power MOSFETs in H²PAK-2 and H²PAK-6 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STH140N6F7-2
60 V
0.0032 Ω
80 A
158 W
STH140N6F7-6
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packing
STH140N6F7-2
140N6F7
H²PAK-2
Tape and Reel
STH140N6F7-6
140N6F7
H²PAK-6
Tape and Reel


Similar Part No. - STH140N6F7-2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STH140N6F7-2 ISC-STH140N6F7-2 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STH140N6F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com